PART |
Description |
Maker |
AHF2815D/ES-SLV AHF2815D/HB-MSTR AHF2815D/HB-SLV A |
12-Bit, 8-Channel 200ksps ADCs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Analog IC 模拟IC
|
International Rectifier, Corp.
|
LTC2353 |
16-/18-Bit, Octal, Quad and Dual 200ksps/350ksps/550ksps/800ksps SAR ADCs
|
Linear Technology
|
258669 259892 258933 258932 258935 258937 258936 |
8-/4-Channel, ±12V Multirange Inputs, Serial 16-Bit ADCs 8-/4-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 标志,接 Advanced-Chemistry-Independent, Level-2 Battery Chargers with Input Current Limiting 标志,死亡的危险
|
Maxim Integrated Products, Inc. B&K Precision, Corp.
|
MAX1239MEEE MAX1239KEEET MAX1239EEE MAX1237KEUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V / Low-Power / 4-/12-Channel / 2-Wire Serial / 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
LTC1864IS8 LTC1864AIS8 LTC1864AIMS8 LTC1865ACMS LT |
楼矛Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP 渭Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP μPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
MAX110-MAX111 MAX110BC/D MAX110BCAP MAX110BCPE MAX |
Low-Cost, 2-Channel, 4-Bit Serial ADCs 2-CH 14-BIT DELTA-SIGMA ADC, SERIAL ACCESS, UUC19 Low-Cost, 2-Channel, 4-Bit Serial ADCs 2-CH 14-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP16 Low-Cost, 2-Channel, 14-Bit Serial ADCs Low-Cost / 2-Channel / 14-Bit Serial ADCs Low-Cost, 2-Channel, ±14-Bit Serial ADCs
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
5962-8951104EX 5962-8951102EX |
2.7V, Low-Power, Multichannel, Serial, 8-Bit ADCs Low-Cost, 2-Channel, ±14-Bit Serial ADCs 电压模式开关电源控制器
|
Kingbright, Corp.
|
MAX1064BCEG MAX1064BEEG MAX1064ACEG MAX1060AEEI |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 400ksps. 5V. 8-/4-Channel. 10-Bit ADCs with 2.5V Reference and Parallel Interface 400ksps5V/4通道10位ADC,带2.5V电压基准及并行接
|
Maxim Integrated Products, Inc.
|
MAX1304ECM_V MAX1308ECM_V MAX1309ECM_V MAX130409 M |
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 隆戮10V, 隆戮5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 卤10V, 卤5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products Maxim Integrated Produc...
|
LTC1865ACMS LTC1865AIMS LTC1864CMS8 LTC1864CS8 LTC |
µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP レPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
LTC1860L LTC1861LCMS LTC1860LIMS8 LTC1860LCMS8 LTC |
µPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10 µPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 3V, 12-bit, 150ksps Differential Input ADC, MSOP, Serial Interface mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP µPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology, Corp.
|
|